Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F3CBK5 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL2F3CBK5
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F3CBK5 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL2F3CBK5 Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 7Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 8Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* Low power consumption.
* High efficiency.
* Versatile mounting on p.c. board or panel.
* I.C. compatible/low current requirement.
* Popular T-13/4 diameter.
Package Dimensions
Part No.
Lens
Source Color
LTL2F3CBK5
Water Clear
InGaN Blue
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL2F3CBK5
Page :
1
of
10
BNS-OD-C131/A4


Similar Part No. - LTL2F3CBK5

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2F3KEK LITEON-LTL2F3KEK Datasheet
142Kb / 4P
Property of Lite-On Only
LTL2F3KFK LITEON-LTL2F3KFK Datasheet
517Kb / 9P
Property of Lite-On Only
LTL2F3KGKNN LITEON-LTL2F3KGKNN Datasheet
146Kb / 4P
Property of Lite-On Only
LTL2F3KHK LITEON-LTL2F3KHK Datasheet
144Kb / 4P
Property of Lite-On Only
LTL2F3KRK LITEON-LTL2F3KRK Datasheet
143Kb / 4P
Property of Lite-On Only
More results

Similar Description - LTL2F3CBK5

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com