Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F3CBK5 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL2F3CBK5
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F3CBK5 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL2F3CBK5 Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 7Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 8Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
135
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
30
mA
Derating Linear From 30℃
0.5
mA/℃
Reverse Voltage
5
V
Electrostatic Discharge Threshold(HBM) Note A
1000
V
Operating Temperature Range
-20
to +
℃
80℃
Storage Temperature Range
-30
to + 100
℃℃
Lead Soldering Temperature
[1.6mm(.063") From Body]
260
for 5 Seconds
℃
Note A :
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid
avalanche test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown.
The RAET procedure is performed on each die. The ESD classification of Class II is based on sample testing according to
MIL-STD 883E. (From CREE official DS).
Part No. : LTL2F3CBK5
Page :
2
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com