Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F3CBK5 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL2F3CBK5
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F3CBK5 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL2F3CBK5 Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 7Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 8Page - Lite-On Technology Corporation LTL2F3CBK5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
1900
3000
mcd
IF = 20mA
Note 1,5
Viewing Angle
2θ1/2
20
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
468
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
470
nm
Note 3
Spectral Line Half-Width
∆λ
26
nm
Forward Voltage
VF
3.7
4.2
V
IF = 20mA
Reverse Current
IR
20
µA
VR = 5V
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4. Iv classification code is marked on each packing bag.
5. The Iv guarantee should be added ±15% tolerance.
6. Precautions in handling:
‧
When soldering, leave 2mm of minimum clearance from the resin to the soldering point.
‧
Dipping the resin to solder must be avoided.
‧
Correcting the soldered position after soldering must be avoided.
‧
In soldering, do not apply any stress to the lead frame particularly when heated.
‧
When forming a lead, make sure not to apply any stress inside the resin.
‧
Lead forming must be done before soldering.
‧
It is necessary to cut the lead frame at normal temperature.
7. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
Part No. : LTL2F3CBK5
Page : 3
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com