Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6350CDDPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LT6350CDDPBF
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350CDDPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6350CDDPBF Datasheet HTML 10Page - Linear Technology LT6350CDDPBF Datasheet HTML 11Page - Linear Technology LT6350CDDPBF Datasheet HTML 12Page - Linear Technology LT6350CDDPBF Datasheet HTML 13Page - Linear Technology LT6350CDDPBF Datasheet HTML 14Page - Linear Technology LT6350CDDPBF Datasheet HTML 15Page - Linear Technology LT6350CDDPBF Datasheet HTML 16Page - Linear Technology LT6350CDDPBF Datasheet HTML 17Page - Linear Technology LT6350CDDPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT6350
14
6350f
INPUT AMPLIFIER (OP AMP 1) CHARACTERISTICS
Figure 5 shows a simplified schematic of the LT6350’s input
amplifier. The input stage has NPN and PNP differential
pairs operating in parallel. This topology allows the inputs
to swing all the way from the negative supply rail to the
positive supply rail. Both differential pairs are operational
when the common mode voltage is at least 1.3V from
either rail. As the common mode voltage swings higher
than V+ – 1.3V, current source I1 saturates, and current
in PNP differential pair Q1/Q4 drops to zero. Feedback is
maintained through the NPN differential pair Q2/Q3, but the
input stage transconductance, gm, is reduced by a factor
of 2. A similar effect occurs with I2 when the common
mode voltage swings within 1.3V of the negative rail. A
precision, two-point algorithm is used to maintain near
constant offset voltage over the entire input range (see
Offset Considerations).
Negative input bias current flows into the +IN1 and –IN1
inputs when the input common mode is centered between
the rails. The magnitude of this current increases when
the input common mode voltage is within 1.3V of the
negative rail and only Q1/Q4 are active. The polarity of the
current reverses when the input common mode voltage is
APPLICATIONS INFORMATION
within 1.3V of the positive rail and only Q2/Q3 are active.
Typical total change in input bias current over the entire
input common mode range is approximately 4μA. These
changes in input bias current will generate corresponding
changes in voltage across the source and gain-setting
resistors. Because the LT6350 input offset current is less
than the input bias current, matching the effective source
and feedback resistances at the input pins will reduce total
offset errors generated by changes in input bias current
and will keep distortion to a minimum.
INPUT AMPLIFIER (OP AMP 1) FEEDBACK
COMPONENTS
When feedback resistors are used to set gain in op amp 1,
care should be taken to ensure that the pole formed by the
feedback resistors and the total capacitance at the inverting
input, –IN1, does not degrade stability. For instance, to
set the LT6350 in a differential gain of +4, RF and RG of
Figure 3 could be set to 1kΩ. If the total capacitance at
–IN1 (LT6350 plus PC board) were 3pF, a new pole would
be formed in the loop response at 106MHz, which could
lead to ringing in the step response. A capacitor connected
across the feedback resistor and having the same value
DIFFERENTIAL
DRIVE
GENERATOR
+
–
R1
R2
R3
R4
R5
Q2
Q3
Q5
Q6
Q9
Q8
Q7
Q10
Q11
Q1
Q4
I1
I2
D3
D2
D1
DESD2
DESD4
DESD3
DESD1
+IN1
–IN1
DESD5
DESD6
VBIAS
CM
V+
V+
V+
V–
V+
V–
V+
V–
V–
6350 F05
OUT1
Figure 5. Input Amplifier (Op Amp 1) Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com