Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6350CDDPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT6350CDDPBF
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350CDDPBF Datasheet(HTML) 3 Page - Linear Technology

  LT6350CDDPBF Datasheet HTML 1Page - Linear Technology LT6350CDDPBF Datasheet HTML 2Page - Linear Technology LT6350CDDPBF Datasheet HTML 3Page - Linear Technology LT6350CDDPBF Datasheet HTML 4Page - Linear Technology LT6350CDDPBF Datasheet HTML 5Page - Linear Technology LT6350CDDPBF Datasheet HTML 6Page - Linear Technology LT6350CDDPBF Datasheet HTML 7Page - Linear Technology LT6350CDDPBF Datasheet HTML 8Page - Linear Technology LT6350CDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT6350
3
6350f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF
Differential Input-Referred Offset Voltage
VS = 5V
V+IN1 = V2 = Mid-Rail
V+IN1 = V2 = V–+1.5V to V+ – 0.1V
V+IN1 = V2 = V–+1.5V to V+ – 0.1V
l
–0.4
–0.45
–0.77
±0.1
0.4
0.45
1.36
mV
mV
mV
VS = 3V
V+IN1 = V2 = V–+1.5V to V+ – 0.1V
V+IN1 = V2 = V–+1.5V to V+ – 0.1V
l
–0.45
–0.8
±0.1
0.45
1.36
mV
mV
VS = 10V
V+IN1 = V2 = V–+1.5V to V+ – 0.1V
V+IN1 = V2 = V–+1.5V to V+ – 0.1V
l
–0.52
–0.78
±0.1
0.52
1.48
mV
mV
VOS1
Input Offset Voltage, Op Amp 1
VS = 5V
V+IN1 = V–+1.5V to V+
V+IN1 = V– to V+
l
l
–0.35
–1.5
±0.08
±0.28
0.68
1.5
mV
mV
VS = 3V
V+IN1 = V–+1.5V to V+
V+IN1 = V– to V+
l
l
–0.35
–1.5
±0.08
±0.32
0.68
1.5
mV
mV
VS = 10V
V+IN1 = V–+1.5V to V+
V+IN1 = V– to V+
l
l
–0.68
–1.5
±0.07
±0.28
0.68
1.5
mV
mV
VOS2
Input Offset Voltage, Op Amp 2 (Note 6)
VS = 3V, 5V, 10V
V+IN1 = V2 = V–+1.5V to V+ – 0.1V
l
–1.0
±0.1
0.66
mV
ΔVOSDIFF/ΔT
Differential Offset Voltage Drift
V+IN1 = V2 = V– +1.5V
V+IN1 = V2 = V+ –0.1V
l
l
5
5.5
μV/°C
μV/°C
IB1
Input Bias Current, Op Amp 1
(at +IN1, –IN1)
V+IN1 = Mid-Supply
V+IN1 = V–
V+IN1 = V+
l
l
l
–6.8
–8.0
–1.2
–3.0
1.4
2.6
μA
μA
μA
IOS1
Input Offset Current, Op Amp 1
(at +IN1, –IN1)
V+IN1 = Mid-Supply
V+IN1 = V–
V+IN1 = V+
l
l
l
–1
–1
–1
±0.1
±0.1
±0.1
1
1
1
μA
μA
μA
I+IN2
Input Bias Current, Op Amp 2 (at +IN2)
V+IN1 = V2 = Mid-Supply
l
2.5
4.4
μA
IOS2
Input Offest Current, Op Amp 2
V2 = Mid-Supply
±0.1
μA
en1
Input Voltage Noise Density, Op Amp 1
Op Amp Input Referred
1.9
nV/√Hz
in1
Input Current Noise Density, Op Amp 1
1.1
pA/√Hz
en2
Input Voltage Noise Density, Op Amp 2
Op Amp Input Referred
2.1
nV/√Hz
in2
Input Current Noise Density, Op Amp 2
1
pA/√Hz
en(OUT)
Differential Output Noise Voltage Density
Total Output Noise Including Both Op Amps
and On-Chip Resistors. Input Shorted. f = 10kHz
8.2
nV/√Hz
Input Noise Voltage
0.1Hz to 10Hz
300
nVP-P
SNR
Output Signal to Noise Ratio
VOUTDIFF = 8VP-P, 1MHz Noise Bandwidth
110
dB
V+IN1
Input Voltage Range, +IN1
Guaranteed by CMRR1
l
V–
V+
V
V+IN2
Input Voltage Range, +IN2
Guaranteed by CMRR2
l V– +1.5V
V+ –0.1V
V
RIN
Input Resistance
Single-Ended Input at +IN1
4
MΩ
The
l denotes specifications that apply over the full specified temperature range,
otherwise specifications are at TA = 25°C. Unless noted otherwise, V+ = 5V, V– = 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RL = OPEN, RF =
SHORT, RG = OPEN. VS is defined as (V+ – V–). VOUTCM is defined as (VOUT1 + VOUT2)/2. VOUTDIFF is defined as (VOUT1 – VOUT2). See Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com