Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6350CDDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT6350CDDPBF
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350CDDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6350CDDPBF Datasheet HTML 2Page - Linear Technology LT6350CDDPBF Datasheet HTML 3Page - Linear Technology LT6350CDDPBF Datasheet HTML 4Page - Linear Technology LT6350CDDPBF Datasheet HTML 5Page - Linear Technology LT6350CDDPBF Datasheet HTML 6Page - Linear Technology LT6350CDDPBF Datasheet HTML 7Page - Linear Technology LT6350CDDPBF Datasheet HTML 8Page - Linear Technology LT6350CDDPBF Datasheet HTML 9Page - Linear Technology LT6350CDDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT6350
6
6350f
Offset Voltage vs Input Common
Mode Voltage, Op Amp 1
Offset Voltage vs Input Common
Mode Voltage, Op Amp 1
Common Mode VOS
vs Input (+IN2) Voltage
Differential VOS vs Temperature
+IN2 PIN VOLTAGE (V)
0
–0.5
0.3
0.2
0.1
–0.1
–0.2
–0.3
–0.4
0
0.5
0.4
16
2
345
6350 G07
V+IN1 = V+IN2
VS = 5V
(NOTE 6)
TA = –40°C
TA = 25°C
TA = 125°C
TEMPERATURE (°C)
–60
–0.6
–0.4
–0.2
0
0.4
0.2
0.6
100
140
–20
20
60
6350 G09
VS = 10V
V1 = V2 = MID-RAIL
TYPICAL UNIT
VS = 5V
INPUT COMMON MODE VOLTAGE (V)
0
–0.3
0.1
0.0
–0.1
–0.2
0.2
14
5
23
6350 G10
VS = 5V
TYPICAL UNIT
TA = –40°C
TA = 25°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
–5
–0.3
0.1
0
–0.1
–0.2
0.2
–4
4
5
–3 –2 –1
0
1
6350 G11
23
V+ = 5V, V– = –5V
TYPICAL UNIT
TA = –40°C
TA = 25°C
TA = 125°C
TYPICAL PERFORMANCE CHARACTERISTICS
Differential VOS Distribution
Differential VOS Delta Distribution
DIFFERENTIAL INPUT REFFERED VOS (mV)
–0.3
0
90
80
70
60
50
40
30
20
10
100
0.1
0.2
0.3
–0.2
–0.1
6350 G01
0
434 TYPICAL UNITS
VS = 5V
TA = 25°C
V+IN1 = V2 =
MID-RAIL
CHANGE OF INPUT REFERRED VOS (mV)
–0.3
–0.2
0
90
80
70
60
50
40
30
20
10
100
0.2
0.3
–0.1
0
0.1
6350 G02
434 TYPICAL UNITS
VS = 5V
TA = 25°C
V+IN1 = V2 =
MID-RAIL TO
V+ –0.1V
TA = 25°C, V+ = 5V, V– = 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RF = SHORT, RG = OPEN, RL = OPEN. See Figure 1.
DC Linearity
V+IN1 (V)
0
–0.5
–0.4
–0.3
0.2
0.3
0.4
0.5
0
0.1
–0.2
–0.1
0.5
1
1.5
2
5
2.5
3
3.5
4
4.5
6350 G21
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
V– = 0V, V+ = 5V
V+IN2 = 2.5V
NO LOAD
TYPICAL UNIT
LINEAR FIT FOR 0.25V < VIN < 4.75V
DC Linearity
V+IN1 (V)
–6
–0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0.5
–5
6
–4 –3 –2 –1 0
1
2
3
4
5
6350 G22
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
V– = –5V, V+ = 5V
V+IN2 = 0V
NO LOAD
TYPICAL UNIT
LINEAR FIT FOR
–4.75V < VIN < 4.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com