Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2P3SEK Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL2P3SEK
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2P3SEK Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL2P3SEK Datasheet HTML 1Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 2Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 3Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 4Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 5Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 6Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 7Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 8Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Technical Data
Ultra Bright LED Lamp for Traffic Sign
LTL2P3SEK
Red
(22o)
LTL2R3SEK
Red
(30o)
LTL2P3SYK
Amber (22o)
LTL2R3SYK
Amber (30o)
Benefits
Description
* Lower system cost.
* Higher luminous efficiency than incandescent lamp.
* Fewer LED are required due to the TS AlInGaP
technology.
Features
* High luminous intensity output.
* Low power consumption.
* High efficiency.
* Versatile mounting on PCB or panel.
* I.C. Compatible / low current requirements.
* Popular T-1
diameter (5 mm).
Applications
* Traffic signals.
* Versatile warning signals.
* Outdoor traffic display panels.
The source color light emitting diode dice of these devices is
made of AlInGaP on a transparent substrate (TS).
The water clear epoxy lens on these devices create viewing
angles of 22 and 30 degrees that match international
specifications for traffic sign utilization.
These LED lamps provide superior endurance against
moisture and high temperatures thus are reliable for outdoor
environment use. With a lower power consumption than
traditional incandescent lamps, these devices yield lower
system cost.
Part No. : LTL2P3SEK / LTL2R3SEK / LTL2P3SYK / LTL2R3SYK
Page :
1
of
11
BNS-OD-C131/A4
4
3


Similar Part No. - LTL2P3SEK

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2P3SEK-002 LITEON-LTL2P3SEK-002 Datasheet
407Kb / 11P
Property of Lite-On Only
LTL2P3SEK-0D2A LITEON-LTL2P3SEK-0D2A Datasheet
678Kb / 12P
Property of Lite-On Only
LTL2P3SEKS-0D2A LITEON-LTL2P3SEKS-0D2A Datasheet
699Kb / 12P
Property of Lite-On Only
More results

Similar Description - LTL2P3SEK

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com