Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2P3SEK Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL2P3SEK
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2P3SEK Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL2P3SEK Datasheet HTML 1Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 2Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 3Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 4Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 5Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 6Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 7Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 8Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at TA=25 °C
Parameter
Symbol
Part NO.
(LTL)
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
2P3SEK
2R3SEK
2P3SYK
2R3SYK
2500
1900
1900
1900
4800
3700
3700
2800
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
2P3SXK
2R3SXK
22
30
deg
Note 2 (Fig.5)
Peak Emission
Wavelength
λP
Red
Amber
639
591
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
Red
Amber
630
590
nm
Note 4
Spectral Line
Half-Width
∆λ
Red
Amber
17
17
nm
Forward Voltage
VF
Red
Amber
2.25
2.35
2.7
2.7
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0 , f = 1MHz
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
Part No. : LTL2P3SEK / LTL2R3SEK / LTL2P3SYK / LTL2R3SYK
Page :
4
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com