Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2P3SEK Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL2P3SEK
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2P3SEK Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL2P3SEK Datasheet HTML 1Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 2Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 3Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 4Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 5Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 6Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 7Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 8Page - Lite-On Technology Corporation LTL2P3SEK Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* High luminous intensity output.
* Low power consumption.
* High efficiency.
* Versatile mounting on PCB or panel.
* I.C. Compatible / low current requirements.
* Popular T-1 3/4 diameter.
Package Dimensions
Part No.
Lens
Source Color
LTL2P3SEK / LTL2R3SEK
Water Clear
TS AlInGaP Red
LTL2P3SYK / LTL2R3SYK
Water Clear
TS AlInGaP Amber
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL2P3SEK / LTL2R3SEK / LTL2P3SYK / LTL2R3SYK
Page :
2
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com