Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT2021-R-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LPT2021-R-PF
Description  NPN SILICON PHOTOTRANSISTOR LED LAMPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LPT2021-R-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LPT2021-R-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 3/3
LPT2021-R-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Test Condition
1.Ta=85
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5℃
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=-40
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5℃&-40℃±5℃
(10min) (10min)
2.total 10 cycles
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Description
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
Reference
Standard
PART NO.
Test Item
Reliability Test:
Operating Life Test
Low Temperature
Storage Test
High Temperature
Storage Test
Thermal Shock Test
High Temperature
High Humidity Test
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=230
℃±5℃
2.Dwell time=5
±1sec
1.T.Sol=260
℃±5℃
2.Dwell time= 10
±1sec.
This test intended to see soldering well
performed or not.
Solder Resistance
Test
Solderability Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com