Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT2021-R-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LPT2021-R-PF
Description  NPN SILICON PHOTOTRANSISTOR LED LAMPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LPT2021-R-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LPT2021-R-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V
V(BR)ECO
Emitter-Collector
Breakdown Voltage
On State Collector
Current
Collector Dark
Current
Collector-Emitter
Saturation Voltage
Fall Time
Rise Time
ICEO
Ip(on)
VCE(sat)
Tf
Tr
VCE=30V
IC=800
μA,RL=1KΩ
VCE=10V
Ee=0mw/c
㎡
nA
mA
mA
mA
mA
VCE=5v
Ee=1mw/c
㎡
λP=940nm
μs
V
Ic=0.5mA
Ee=20mw/c
㎡
260
℃ for 5 seconds
-50
TO +100
℃
℃
MAXIMUM RATINGS
Collector-Emitter
Breakdown Voltage
PARAMETER
ELECTRICAL CHARACTERISTICS(Ta=25
)
•℃
Lead Soldering Temperature(1.6mm From Body)
Storage Temperature
Operating Temperature
Emitter-Collector Voltage
Collector-Emitter Voltage
Power Dissipation
MAXIMUM RATINGS(Ta=25
)
•℃
Note:1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted
2.Specifications are subject to change without notice
V(BR)CEO
SYMBOL
5
30
PARAMETER
100
Package Dimension
TEST CONDITION
V
UNIT
Ic=1mA
Ee=0mw/c
㎡
V
V
UNIT
mw
Features
. High illumination sensitivity
. Stable characteristics
. Spectrally and mechanically
matched with IR emitter
Description
The LPT2021-R-PF series are silicon
nitride passivated NPN planar
phototransistors with exceptionally
stable characteristics and high
illumination sensitivity the cases of
LPT2021-R-PF are encapsulated in
transparent plastic T1 3/4 package
individuallt
-50
TO +100
℃
℃
0.4
μs
100
1.EMITTER
2.COLLECTOR
IE=100
μA
Ee=0mw/c
㎡
Max.
Typ.
Min.
30
5
5
5
1
2
4
8
8
4
2
LPT2021-R-PF
PART NO.
Page 1/3
2
1
3.0
4.2
5.2
1.5
MAX
1.0MIN
2.3TYP
12.5MIN
□0.5
TYP
4.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com