Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT2021-R-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LPT2021-R-PF
Description  NPN SILICON PHOTOTRANSISTOR LED LAMPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LPT2021-R-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LPT2021-R-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LPT2021-R-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
60 Seconds Max
LPT2021-R-PF
Page 2/3
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
150
5
°/sec
max
260
°C3sec Max
100
Time(sec)
PART NO.
2.Wave Soldering Profile
260°
Temp(
°C)
2
°/sec
max
Preheat
120°
25°
0° 0
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
° C Max
Soldering Time:3 Seconds Max(One Time)
Distance:2mm Min(From solder joint to body)
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
° C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com