Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSBKSUG2662-R1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSBKSUG2662-R1
Description  BIPOLAR TYPE LED LAMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKSUG2662-R1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSBKSUG2662-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0C
PART NO. LSBKSUG2662/R1
Page 3/8
Brightness Code For Standard LED Lamps
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
SBKS CHIP
Color
Code
SBKS CHIP
Max.
Min.
468
465
462
465
Group
0D
0E
Dominant Wave length(nm) at 20 mA
471
474
468
471
477
474
0B
0A
Luminous Intensity(mcd) at 20 mA
90
65
120
160
90
120
A16
A17
A18
Max.
Min.
Group
220
160
350
300
220
300
A19
A21
A20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com