Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSBKSUG2662-R1 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSBKSUG2662-R1
Description  BIPOLAR TYPE LED LAMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKSUG2662-R1 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSBKSUG2662-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
570
572
574
576
Max.
572
570
Min.
568
Dominant Wave length(nm) at 20 mA
8
7
Group
574
576
578
9
11
10
Luminous Intensity(mcd) at 20 mA
PART NO. LSBKSUG2662/R1
12
13
120
90
160
120
90
65
11
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UG CHIP
Brightness Code For Standard LED Lamps
Page 4/8
UG CHIP
Color
Code
Min.
Max.
38
65
50
28
50
38
Group
8
10
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com