Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSBKSUG2662-R1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSBKSUG2662-R1
Description  BIPOLAR TYPE LED LAMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKSUG2662-R1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSBKSUG2662-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSBKSUG2662-R1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
℃
Topr
Operating Temperature
-20 ~ +80
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
GaAsP/GaP
GaP
LSBKSUG2662/R1
Green
White Diffused
Blue
574
20
1.7
2.6
26
475
---
4.2
100
160
28
100
350
65
Typical Electrical & Optical Characteristics (Ta=25
℃)
MATERIAL
PART NO
Emitted
Lens
COLOR
Min.
Luminous
intensity
@
mA(mcd)
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Min.
Max.
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Max.
20
Storage Temperature
Tstg
-30 ~ +100
℃
2/8
Page
mA
25
30
IF
Forward Current
Reverse Current @5V
Ir
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
50
10
μA
120
65
100
75
mW
mA
Absolute Maximum Ratings at Ta=25
℃
Parameter
Symbol
Green
SBKS
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSBKSUG2662/R1
PART NO.
Electrostatic Discharge( * )
ESD
500
2000
V
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
Typ.
3.5
---



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com