Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRG2092-R6-PF-TBS-2 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSRG2092-R6-PF-TBS-2
Description  TAPE AND BOX TYPE LED LAMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRG2092-R6-PF-TBS-2 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSRG2092-R6-PF-TBS-2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
-------
-------
-------
-------
-------
Dimensions Symbol Information
•
Overall Thickness
Overall Width
Overall Length
Feed Hole Location
REMARK:TBS=Tape And Box Straight Leads
Adhesive Tape Position
Adhesive Tape Width
Tape Width
Feed Hole To Overall Component Height
Center Of Component Location
Overall Taped Package Thickness
Lead Length After Component Height
Lead Location
Feed Hole Pitch
L
330
13.0
L
W
340
13.4
2500PCS
1.97
10.4
Quantity/Box
H
50
265
W
60
2.4
275
10.8
H
-------
-------
-------
Package Dimensions
•
19.0
15.5
4.0
9.75
7.7
1.42
5.8
11.0
13.0
36
-------
14.5
W1
0.57
Specification
inch
-------
-------
Description
minimum
Symbol
mm
maxmum
mm
inch
17.5
W3
W2
0
0.69
0
-------
-------
-------
-------
-------
-------
-------
-------
-------
-------
12.4
P0.49
8.5
-------
5.1
4.4
W0
T
P2
P1
0.33
-------
0.2
0.17
-------
-------
-------
-------
H2
L
-------
W0
-------
-------
-------
0.61
0.75
0.16
0.51
0.38
0.06
0.3
0.23
1.42
0.43
-------
-------
-------
Feed Hole To Bottom Of Component
Component Lead Pitch
Front-To-Rear Deflection
Tape Feed Hole Diameter
PART NO.
Dimensions Symbol Information
•
-------
-------
-------
-------
mm
22.5
2.0
4.2
3.0
SPECIFICATIONS
Maximum
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
OPTION
CODE
SYMBOL ITEMS
SYMBOL
Minimum
-------
-------
-------
-------
TBS-2
-------
-------
-------
-------
-------
-------
-------
21.5
H1
-------
-------
-------
-------
0.85
mm
-------
3.8
2.3
△
H
F
D
-------
0.09
inch
0.15
LSRG2092/R6-PF/TBS-2
-------
-------
-------
-------
0.89
0.08
0.12
inch
0.17
3/7
Page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com