Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRG2092-R6-PF-TBS-2 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSRG2092-R6-PF-TBS-2
Description  TAPE AND BOX TYPE LED LAMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRG2092-R6-PF-TBS-2 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSRG2092-R6-PF-TBS-2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
℃)
Wavelength (nm)
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
℃)
Typical Electro-Optical Characteristics Curve
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Page
Forward Current(mA)
Fig.2 Relative Intensity vs. Forward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
0.1
1.0
10
100
1000
1.0
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
1.0
1.1
1.2
500
550
600
650
0.0
0.5
1.0
2.0
3.0
4.0
5.0
80
100
0.8
0.9
-20
-40
40
20
080
100
60
2.0
0.0
0.5
1.0
1.5
2.5
3.0
3.5
G CHIP
PART NO.
5/7
LSRG2092/R6-PF/TBS-2
60
°
-60
°
100%
25%
75%
100%
50%
0
25%
50% 75%
-30
°
30
°
0
°
Fig.6 Directive Radiation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com