Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRG2092-R6-PF-TBS-2 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRG2092-R6-PF-TBS-2
Description  TAPE AND BOX TYPE LED LAMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRG2092-R6-PF-TBS-2 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRG2092-R6-PF-TBS-2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRG2092-R6-PF-TBS-2 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Topr
Operating Temperature
-40 ~ +85
LSRG2092/R6-PF/TBS-2
White Diffused
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
GaP
Green
50
565
30
1.7
2.6
21
70
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Typical Electrical & Optical Characteristics (Ta=25
)
PART NO
MATERIAL
GaAlAs
Emitted
Red
Lens
COLOR
*
Storage Temperature
Tstg
Luminous
intensity
@20mA(mcd)
Typ.
65
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Peak
wave
length
λPnm
660
20
Min.
2.4
1.5
Max.
Min.
28
Viewing
angle
2
θ 1/2
(deg)
70
-40 ~ +100
Absolute Maximum Ratings at Ta=25
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Forward Current
IFP
Ir
PD
Parameter
IF
Symbol
PART NO. LSRG2092/R6-PF/TBS-2
Ratings
120
100
10
100
100
30
SR
30
G
mA
μA
mW
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com