Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUR9033/TR2-R Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LUR9033/TR2-R
Description  SURFACE MOUNT TAPE AND REEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUR9033/TR2-R Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LUR9033/TR2-R Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 7Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Luminous
intensity
@20mA(mcd)
Min.
350
COLOR
Water Clear
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LUR9033/TR2-R
PART NO
Emitted
GaAlAs
Red
MATERIAL
Lens
660
Peak
wave
length
λPnm
Min. Max.
1.5
20
2.4
Forward
voltage
@20 mA(V)
Spectral
halfwidth
△λnm
Typical Electrical & Optical Characteristics (Ta=25
℃)
Operating Temperature
Storage Temperature
Tstg
Topr
-40 ~ +100
-40 ~ +85
Typ.
20
650
Viewing
angle
2
θ 1/2
(deg)
℃
℃
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
℃
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Parameter
Ir
PD
IFP
IF
10
120
120
40
Symbol
Ratings
UR
μA
mW
mA
mA
UNIT
Page 3/7
LUR9033/TR2-R
PART NO.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com