Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUR9033/TR2-R Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LUR9033/TR2-R
Description  SURFACE MOUNT TAPE AND REEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUR9033/TR2-R Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LUR9033/TR2-R Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 7Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Cathode
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/7
ψ1.9
0.5
±0.1
2.0
4.0
0.3
5.5
1.75
4.0
ψ1.55
3.05
6.43
2.8
PART NO. LUR9033/TR2-R
Package Dimensions
0.4
±0.1
0.7
Carrier Type Dimensions
Polarity
9.3
12
±0.3
Note : 1.All dimension are in millimeter tolerance is
±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
Note : The tolerances unless mentioned is
±0.2mm,Angle ± 0.5. Unit=mm.
2.0
2.5
1.4
5.8
±0.5
3.05
±0.5
4.3
±0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com