Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUR9033/TR2-R Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LUR9033/TR2-R
Description  SURFACE MOUNT TAPE AND REEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUR9033/TR2-R Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LUR9033/TR2-R Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 7Page - LIGITEK electronics co., ltd. LUR9033/TR2-R Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1.
Hand Solder
Basic spec is
≦ 280℃ 3 sec one time only.
Recommended Soldering Conditions
120 ~ 180 sec
Preheat
Rising
+5
℃/sec
60 ~ 120 sec
120 sec.Max.
Reflow Soldering should not be done more than two times.
150
3-2 PB-Free Reflow Solder
1~5
° C/sec
120
3-1. LEAD Reflow Solder
240
Preheat
Temp.
(
℃)
120 ~ 150
℃
2. Wave Solder
Above 220
° C
60 sec.Max.
Preheat
180~200
° C
1~5
° C/sec
260
°C MaX.
10sec.Max
5sec
Time
Cooling
-5
℃/sec
Soldering heat Max. 260
℃
245
±5℃ within 5 sec
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
5/7
Page
LUR9033/TR2-R
PART NO.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com