Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4670 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # ASDL-4670
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4670 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  ASDL-4670 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

ASDL-4670
High Performance T- (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
Data Sheet
Description
ASDL-4670 is a high performance Infrared emitter that
utilizes AlGaAs on GaAs LED technology. It is optimized
for efficiency at emission wavelength of 940nm and
is designed for application that requires high radiant
intensity, low forward voltage at wide viewing angle. The
emitter is encapsulated in clear T-1 (3mm) package.
Features
• T-1 Package
• 940nm wavelength
• Wide Viewing Angle
• Low Forward Voltage
• Lead Free and ROHS Compliant
• Available in Tape & Reel
Applications
• IR Remote Control for Consumer Device
• IR Remote Control for Industrial Equipment
• Portable Infrared Instruments
• Wireless Headset
• Infrared Illuminator Security Camera
• Photo-Interrupters
• Reflective Applications


Similar Part No. - ASDL-4670

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4670 AVAGO-ASDL-4670 Datasheet
178Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4670-C22 AVAGO-ASDL-4670-C22 Datasheet
178Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4670-C31 AVAGO-ASDL-4670-C31 Datasheet
178Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
More results

Similar Description - ASDL-4670

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com