Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4670 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # ASDL-4670
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4670 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  ASDL-4670 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20
40
60
80
100
5.0
4.0
3.0
2.0
1.0
0
0.5
1.0
1040
940
840
60
50
40
30
20
10
Wavelength (nm)
Figure 1. SPECTRAL DISTRIBUTION
0
Figure 2. FORWARD CURRENT VS. AMBIENT TEMPERATURE
Ambient Temperature Ta ( C)
o
100
-40
0
-20
20
60
40
80
Ambient Temperature Ta ( C)
Figure 4. RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
-20
0.6
0.2
0
0.4
0.8
1.0
1.2
60
40
20
0
o
80
10
20
30
40
50
0
1.6
Figure 3. FORWARD CURRENT VS. FORWARD VOLTAGE
Forward Voltage (V)
1.2
0
2.8
2.4
2.0
0
Figure 5. RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
Foward Current (mA)
0
Figure 6. RADIATION DIAGRAM
0.6
0.5 0.3 0.1
0.2 0.4
0
20
10
o
o
o
80
o
90
o
70
60
o
o
50
40
o
o
30
o
0.9
0.7
0.8
1.0
Typical Electrical/Optical Characteristics Curves (TA=25˚C unless otherwise indicated)
For company and product information, please go to our web site:
WWW.liteon.com or
http://optodatabook.liteon.com/databook/databook.aspx
Data subject to change. Copyright © 007 Lite-On Technology Corporation. All rights reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com