Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4670 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # ASDL-4670
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4670 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  ASDL-4670 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4670 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Notes:
1. All dimensions are in millimeters (inches)
2. Tolerance is + 0.25mm (.010”) unless otherwise noted
3. Protruded resin under flange is 1.5mm (.059”) max
4. Lead spacing is measured where leads emerge from package
5. Specifications are subject to change without notice for performance
improvement
Package Dimensions
Order Information
Part Number
Lead Form
Color
Packaging
Shipping Option
ASDL-4670-C
ASDL-4670-C3
Straight
Clear
Tape & Reel
Bulk
4000pcs
8000pcs / Carton



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com