Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25834 Datasheet(PDF) 7 Page - EPCOS

Part # B25834
Description  MKV AC capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834 Datasheet(HTML) 7 Page - EPCOS

Back Button B25834 Datasheet HTML 3Page - EPCOS B25834 Datasheet HTML 4Page - EPCOS B25834 Datasheet HTML 5Page - EPCOS B25834 Datasheet HTML 6Page - EPCOS B25834 Datasheet HTML 7Page - EPCOS B25834 Datasheet HTML 8Page - EPCOS B25834 Datasheet HTML 9Page - EPCOS B25834 Datasheet HTML 10Page - EPCOS B25834 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Please read Cautions and warnings and
7
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
Dimensional drawing 1
Screw terminals M10 (Dimensions in mm)
1) Dimensions for guidance only, subject for modification
Mounting parts (included in delivery)
d–1,2 l –4
∅ d
1 –0,4 l1
min
Creepage
distance
Clear-
ance
64.2
64.2
176
248
60.2
60.2
135
204
20
13
79.2
79.2
176
248
75.2
75.2
135
204
89.3
89.3
176
248
85.2
85.2
135
204
99.3
99.3
176
248
95.2
95.2
135
204
Max. torque terminals*)
7 Nm
Threaded bolt
Max. torque
Toothed washer
Hex nut
M12
10 Nm
J 12,5 DIN 6797
M12 DIN 439
KLK1413-6
M10
ød1
13 min.
Hex nut
M12
35
M10 ISO 4035
10,5 DIN 433
Washer
*) The terminal torque must not act upon the ceramic. So the lead should be locked between two nuts..
Dimensional drawing 2
Screw terminals M10 (Dimensions in mm)
d–1,2 l –4
∅ d
1 –0,4 l1
min
Creepage
distance
Clear-
ance
64.2
64.2
104
248
60.2
60.2
135
204
10
10
79.2
79.2
104
248
75.2
75.2
75
204
89.3
89.3
104
248
85.2
85.2
75
204
99.3
99.3
104
248
95.2
95.2
75
204
Max. torque terminals*)
7 Nm
KLK1412-X
M10
ød1
13 min.
Hex nut
M12
35
M10 ISO 4035
10,5 DIN 433
Washer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com