Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25834 Datasheet(PDF) 3 Page - EPCOS

Part # B25834
Description  MKV AC capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834 Datasheet(HTML) 3 Page - EPCOS

  B25834 Datasheet HTML 1Page - EPCOS B25834 Datasheet HTML 2Page - EPCOS B25834 Datasheet HTML 3Page - EPCOS B25834 Datasheet HTML 4Page - EPCOS B25834 Datasheet HTML 5Page - EPCOS B25834 Datasheet HTML 6Page - EPCOS B25834 Datasheet HTML 7Page - EPCOS B25834 Datasheet HTML 8Page - EPCOS B25834 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Please read Cautions and warnings and
3
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
Technical data
Standards
IEC 1071-1/2
EN 61071-1/2
VDE 0560 part 120 and 121
Dielectric dissipation factor
tan δ0
2 x 10–4
Capacitance tolerance
For CN < 1.0 μF ± 20 %, for CN ≥ 1.0 μF ± 10 %
Max. repetitive rate
of voltage rise
(du/dt)max
Max. non-repetitive rate
of voltage rise
(du/dt)s
Climatic data:
Min. operating temperature
Tmin
– 25 °C
Max. operating temperature
Tmax
+ 85 °C
Average relative humidity
≤ 95 % (screw terminals/dual tab 9.5 mm)
≤ 75 % (dual tab 6.3 mm/tab 6.3 mm)
Failure quota
αFQ(co)
300 failures per 109 component hours
Load duration
tLD(co)
100 000 h
Storage temperature limit
Tstg
– 55/+ 85 °C
IEC climatic category
(IEC 68-1 and 2)
25/085/56
Test A, cold
Test B, dry heat
Test Ca, damp heat, steady state
– 25 °C
+ 85 °C
56 days/40 °C/93 % rel. humidity
Values after test Ca:
Capacitance change
ΔC/C
≤ 1 %
Insulation resistance
Rins
Self-discharge time constant
τ = Rins x C
Dissipation factor change
Δtan δ
Test data:
AC test voltage
between terminals
VTT
1.25 x VN, 50 Hz, 10 s (or DC 1.75 x VN, 10 s)
between terminals and case
VTC
2 x Vi + 1000 V, 50 Hz, 10 s
Insulating voltage Vi = max. recurrent peak
voltage
/
Insulation resistance
Rins
Self-discharge time constant
τ = Rins x C
Dissipation factor (50 Hz)
tan δ
î
C
----
IS
C
----
CR
Screw terminals,
dual tab 9.5 mm
Dual tab
6.3 mm
Tab
6.3 mm
≤ 1 μF ≥ 10 000 MΩ≥ 3000 MΩ≥ 1000 MΩ
>1 μF ≥ 10 000 s
≥ 3000 s
≥ 1000 s
≤ 1x10–4
≤ 3x10–4 ≤ 3x 10–4
vˆ
2
CR
Screw terminals,
dual tab 9.5 mm
Dual tab 6.3 mm,
tab 6.3 mm
≤ 1 μF ≥ 10 000 MΩ≥ 3000 MΩ
>1 μF ≥ 10 000 s
≥ 3000 s
≤ 3x10–4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com