Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25834 Datasheet(PDF) 4 Page - EPCOS

Part # B25834
Description  MKV AC capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834 Datasheet(HTML) 4 Page - EPCOS

  B25834 Datasheet HTML 1Page - EPCOS B25834 Datasheet HTML 2Page - EPCOS B25834 Datasheet HTML 3Page - EPCOS B25834 Datasheet HTML 4Page - EPCOS B25834 Datasheet HTML 5Page - EPCOS B25834 Datasheet HTML 6Page - EPCOS B25834 Datasheet HTML 7Page - EPCOS B25834 Datasheet HTML 8Page - EPCOS B25834 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Please read Cautions and warnings and
4
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20 °C
mΩ
Lself
nH
Dimensions
d × l
mm
Fig. Appr.
weight
g
Ordering code
VR = AC 500 V
= 600 V
vs = 860 V
VTT = AC 620 V, 10 s
VTC = AC 2000 V, 10 s
33
18
1300
3300
4.9
90 60 × 86
3
290
B25834-L3336-K009
47
80
1900
4700
1.9
110 79.2 × 104
2
610
B25834-D3476-K004
68
80
2700
6800
1.5
110 99.3 × 104
2
970
B25834-D3686-K004
100
80
4000
10000
1.4
180 79.2 × 248
2
1500
B25834-D3107-K004
220
80
8800
22000
1.2
180 99.3 × 248
2
2300
B25834-D3227-K004
VR = AC 600 V
= 750 V
vs = 1000 V
VTT = AC 750 V, 10 s
VTC = AC 2100 V, 10 s
0.68 10
110
270 25.0
50 25 × 48
5
30
B25834-F4684-M001
1.0
10
160
400 18.0
50 25 × 48
5
30
B25834-F4105-K001
1.5
16
240
600 14.0
50 30 × 48
6
50
B25834-F4155-K001
2.2
16
350
880 10.0
50 30 × 48
6
50
B25834-F4225-K001
3.3
16
530
1300
8.7
50 35 × 48
7
60
B25834-F4335-K001
4.7
16
190
470 16.0
90 30 × 80
6
70
B25834-F4475-K001
6.8
16
270
680 13.0
90 35 × 80
7
100
B25834-F4685-K001
10
18
400
1000
8.0
90 40 × 86
3
130
B25834-L4106-K009
15
18
600
1500
6.5
90 50 × 86
3
200
B25834-L4156-K009
22
60
880
2200
3.1
110 64.2 × 104
2
400
B25834-D4226-K004
33
80
1300
3300
2.4
110 79.2 × 104
2
610
B25834-D4336-K004
33
64
1300
3300
2.4
110 79.2 × 104
4
610
B25834-D4336-K009
47
80
1900
4700
2.0
110 89.3 × 104
2
780
B25834-D4476-K004
47
64
1900
4700
2.0
110 89.3 × 104
4
780
B25834-D4476-K009
68
80
2700
6800
1.7
180 64.2 × 248
2
960
B25834-D4686-K004
100
80
4000
10000
1.5
180 79.2 × 248
2
1500
B25834-D4107-K004
150
80
6000
15000
1.3
180 89.3 × 248
2
1900
B25834-D4157-K004
VR = AC 750 V
= 940 V
vs = 1300 V
VTT = AC 930 V, 10 s
VTC = AC 2400 V, 10 s
4.7
16
240
590 13.0
90 35.0 × 80
7
100
B25834-F5475-K001
6.8
18
340
850
8.4
90 40.0 × 86
3
130
B25834-L5685-K009
10
18
500
1250
7.0
90 50.0 × 86
3
200
B25834-L5106-K009
15
18
750
1900
5.9
90 60.0 × 86
3
290
B25834-L5156-K009
22
80
1100
2800
2.6
110 79.2 × 104
2
610
B25834-D5226-K004
22
64
1100
2800
2.5
110 79.2 × 104
4
610
B25834-D5226-K009
33
80
1700
4100
2.0
110 89.3 × 104
2
780
B25834-D5336-K004
1) Other capacitance values upon request
vˆ
vˆ
vˆ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com