Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3520 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3520
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3520 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3520 Datasheet HTML 1Page - Toshiba Semiconductor TLP3520 Datasheet HTML 2Page - Toshiba Semiconductor TLP3520 Datasheet HTML 3Page - Toshiba Semiconductor TLP3520 Datasheet HTML 4Page - Toshiba Semiconductor TLP3520 Datasheet HTML 5Page - Toshiba Semiconductor TLP3520 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3520
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
∆IF / °C
-0.7
mA / °C
Peak forward current (100 µs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal vaoltage
VDRM
400
V
Ta = 40°C
1.0
On
-state RMS current
Ta = 60°C
IT(RMS)
0.7
A
On
-state current derating (Ta ≥ 40°C)
∆IT / °C
-14.3
mA / °C
Peak current from snubber circuit
(100 µs pulse, 120 pps)
ISP
2
A
Peak nonrepetitive surge current (50 Hz, peak)
ITSM
10
A
Junction temperature
Tj
110
°C
Storage temperature range
Tstg
-40~125
°C
Operating temperature range
Topr
-20~80
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
(Note)
BVS
2500
Vrms
(Note)
Device considered a two terminal: LED side pins shorted together and detector side pins shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
―
―
120
Vac
Forward current
IF
15
20
25
mA
Peak current from snubber circuit
ISP
―
―
1
A
Operating temperature
Topr
-20
―
80
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com