Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3520 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3520
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3520 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3520 Datasheet HTML 1Page - Toshiba Semiconductor TLP3520 Datasheet HTML 2Page - Toshiba Semiconductor TLP3520 Datasheet HTML 3Page - Toshiba Semiconductor TLP3520 Datasheet HTML 4Page - Toshiba Semiconductor TLP3520 Datasheet HTML 5Page - Toshiba Semiconductor TLP3520 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3520
2002-09-25
4
IT(RMS) – Ta
Ambient temperature Ta (°C)
1.6
0
-20
2.0
1.2
0.8
0.4
0
20
40
60
80
100
120
Δ
VF / ΔTa – IF
-0.4
0.1
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
0.3
1
3
10
30
50
0.5
5
Forward current IF (mA)
IFP – DR
Duty cycle ratio DR
3
10
1000
500
300
100
50
30
10
-2
3
3
3
10
-3
10
-1
10
0
3000
Pulse width ≤ 100µs
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
0.6
1000
1
500
300
100
50
30
10
5
3
1.0
1.4
1.8
2.2
2.6
Pulse width ≤ 10µs
Repetitive frequency
= 100Hz
Ta = 25°C
IF – Ta
Ambient temperature Ta (°C)
0
80
0
-20
100
60
40
20
20
40
60
80
100
120
-3.2
IF – VF
Forward voltage VF (V)
0.6
0.1
100
10
5
3
1
0.5
0.3
1.0
1.2
1.6
0.8
1.4
1.8
30
50
Ta = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com