Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3520 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3520
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3520 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3520 Datasheet HTML 1Page - Toshiba Semiconductor TLP3520 Datasheet HTML 2Page - Toshiba Semiconductor TLP3520 Datasheet HTML 3Page - Toshiba Semiconductor TLP3520 Datasheet HTML 4Page - Toshiba Semiconductor TLP3520 Datasheet HTML 5Page - Toshiba Semiconductor TLP3520 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3520
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP3520
Triac Driver
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA TLP3520 consists of a photo−triac optically coupled to a
gallium arsenide infrared emitting diode in a 16 lead plastic DIP
package.
· Peak off−state voltage: 400 V (min.)
· Trigger LED current: 10 mA (max.)
· On−state current: 1.0 Arms (max.)
· Isolation voltage: 2500 Vrms (min.)
· UL recognized: UL1577, file no. E67349
· Trigger LED current
Trigger LED Current (mA)
VT = 6 V, Ta = 25°C
Classi
-
fication *
Min.
Max.
Marking Of
Classification
(IFT5)
—
5.0
T5
(IFT7)
—
7.0
T5, T7
Standard
—
10
T5, T7, blank
*Ex. (IFT5); TLP3520 (IFT5)
(Note) Application type name for certification test, please use
standard product type name, i.e.TLP3520 (IFT5): TLP3520
Pin Configuration (top view)
2
2: Anode
3: Cathode
4,5,6,7: N.C.
9,13: Triac T2
11: Triac T1
15: Triac gate
13
15
11
3
4
5
6
7
9
Unit in mm
TOSHIBA
11
−20A2


Similar Part No. - TLP3520

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
More results

Similar Description - TLP3520

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
Programmable Controllers AC.Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
25-Sep-2002
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
25-Sep-2002
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
27-Oct-2003
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
27-Oct-2003
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
01-Jun-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com