Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84263 Datasheet(PDF) 13 Page - EPCOS

Part # B84263
Description  Filters for Power Lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84263 Datasheet(HTML) 13 Page - EPCOS

Back Button B84263 Datasheet HTML 8Page - EPCOS B84263 Datasheet HTML 9Page - EPCOS B84263 Datasheet HTML 10Page - EPCOS B84263 Datasheet HTML 11Page - EPCOS B84263 Datasheet HTML 12Page - EPCOS B84263 Datasheet HTML 13Page - EPCOS B84263 Datasheet HTML 14Page - EPCOS B84263 Datasheet HTML 15Page - EPCOS B84263 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Dimensional drawing 8 (direct connection to shielding wall)
4 x 40 A
B84263D1400E003
Œ Input end:
Cable gland PG 29/21
(PG 29 mounted, PG 21 and reducer ring in accessory bag)
 Shielded end:
Cable gland PG 29/21
(cable gland PG 29, PG 21 and reducer ring in accessory bag)
Paint color: RAL 7035 (light gray, semigloss)
Fixing dimensions
The cable glands (with cutout sealing ring) are suitable for the following overall cable diameter:
PG 29
17 to 19 mm
20 to 22 mm
23 to 25 mm
26 to 28 mm
PG 21
9 to 11 mm
12 to 14 mm
15 to 17 mm
18 to 20 mm
RF-tight connection to shielding wall, see page 16.
Filters for power lines (low leakage current)
B84263
16 to 100 A, 100 dB from 14 kHz
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com