Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84263 Datasheet(PDF) 5 Page - EPCOS

Part # B84263
Description  Filters for Power Lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84263 Datasheet(HTML) 5 Page - EPCOS

  B84263 Datasheet HTML 1Page - EPCOS B84263 Datasheet HTML 2Page - EPCOS B84263 Datasheet HTML 3Page - EPCOS B84263 Datasheet HTML 4Page - EPCOS B84263 Datasheet HTML 5Page - EPCOS B84263 Datasheet HTML 6Page - EPCOS B84263 Datasheet HTML 7Page - EPCOS B84263 Datasheet HTML 8Page - EPCOS B84263 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
General technical data (continued)
Power dissipation
PD
See characteristics
At rated current IR
Capacitive leakage current
Ileak
See characteristics
Difference potential N to PE at
50 Hz
Max. permissible harmonic
distortion (THD)
8
% To EN 50160
Permissible ambient
temperature
TA
25/+40
°C
Climatic category
(EN 60068-1)
25/085/56
25
°C/+85 °C/56 days damp
heat test
Mechanical version
C
Cable glands at both ends or
flexible connector fitting
D
Direct connection to shielding
wall
Characteristics and ordering codes
IR
A
Mechanical
version
Rmax
m
Ω
PD
W
Ileak
mA/V
Dimensional
drawing
Page Approx.
weight
kg
Ordering code
2-line filters
16
C
< 40
< 18
< 2
1
6
8
B84263C0022B013
16
D
< 40
< 18
< 2
2
7
8
B84263D0022B013
40
C
< 20
< 60
< 2.5
3
8
18
B84263C0023B013
40
D
< 20
< 60
< 2.5
4
9
18
B84263D0023B013
4-line filters
16
C
< 80
< 60
< 2
5
10
25
B84263C1160E003
16
D
< 80
< 60
< 2
6
11
25
B84263D1160E003
40
C
< 30
< 140
< 2.5
7
12
27
B84263C1400E003
40
D
< 30
< 140
< 2.5
8
13
27
B84263D1400E003
100
C
< 6
< 70
< 2.5
9
14
50
B84263C1101E003
100
D
< 6
< 180
< 2.5 10
15
50
B84263D1101E003
Filters for power lines (low leakage current)
B84263
16 to 100 A, 100 dB from 14 kHz
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com