Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84263 Datasheet(PDF) 2 Page - EPCOS

Part # B84263
Description  Filters for Power Lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84263 Datasheet(HTML) 2 Page - EPCOS

  B84263 Datasheet HTML 1Page - EPCOS B84263 Datasheet HTML 2Page - EPCOS B84263 Datasheet HTML 3Page - EPCOS B84263 Datasheet HTML 4Page - EPCOS B84263 Datasheet HTML 5Page - EPCOS B84263 Datasheet HTML 6Page - EPCOS B84263 Datasheet HTML 7Page - EPCOS B84263 Datasheet HTML 8Page - EPCOS B84263 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2- and 4-line-filters
16 to 100 A
Multi-stage
Stopband attenuation 14 kHz to 40 GHz
Features
Low volume and low voltage drop
Practically no leakage current flow on the grounding conductor in normal operation because of
the capacitor configuration (capacitive circuit to ground only through neutral)
Insertion loss to CISPR 17
Design
The electrical components are incorporated in an RF-tight case of high-grade steel. The cables
enter through glands. The RF-tight termination of the openings is produced by specially shaped
lids.
The conductors and equipment grounding conductor are connected by threaded bolts. The sur-
face around the fixing holes is left as bare metal (unpainted) to ensure good RF contact with met-
al surfaces (chassis, ground).
Protective measures (grounding)
The high capacitances between the lines and ground require special protective measures. If there
are no product-specific requirements, protection with a secondary ground wire (cross section min.
10 mm2) in accordance with EN 50178 is necessary. For this purpose the filter case have con-
necting bolts at each end.
Resistors are incorporated in the filter to discharge capacitors after turn-off.
Scope of supply
Filters are supplied complete with all parts required for RF-tight installation (fixing screws,
flanges, RF gaskets, cable glands) and installation instructions.
Installation
No welding is needed on the shielding wall, so any subsequent installation is quite simple. And
the uniform template of the attachment points allows straightforward replacement of 2-line filters
by 4-line filters for example.
Accessories and special versions
RF-tight flexible connector fittings are available for installation spaced away from the shielding
wall. Filters with an EMP protection add-on for surge currents up to 100 kA per line are available
on request. To match requirements, filters can be supplied with different kinds of EMC or shield-
ing cable glands.
Tests
All filters are 100% tested and the results are archived under a filter's serial number. If required, a
test report can be generated for the serial number.
Filters for power lines (low leakage current)
B84263
16 to 100 A, 100 dB from 14 kHz
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com