Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N51 Datasheet(PDF) 2 Page - EPCOS

Part # N51
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N51 Datasheet(HTML) 2 Page - EPCOS

  N51 Datasheet HTML 1Page - EPCOS N51 Datasheet HTML 2Page - EPCOS N51 Datasheet HTML 3Page - EPCOS N51 Datasheet HTML 4Page - EPCOS N51 Datasheet HTML 5Page - EPCOS N51 Datasheet HTML 6Page - EPCOS N51 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Material properties
Preferred application
Power transformers
Material
N511)
Base material
MnZn
Symbol
Unit
Initial permeability
(T = 25 °C)
μ
i
3000
±25%
Flux density
(H = 1200 A/m, f = 10 kHz)
BS (25 °C)
BS (100 °C)
mT
mT
480
380
Coercive field strength
(f = 10 kHz)
Hc (25 °C)
Hc (100 °C)
A/m
5
5
Optimum frequency range
kHz
25 … 150
Hysteresis
material constant
η
B
10–6/mT <0.4
Curie temperature
TC
°C
>220
Mean value of
α
F
at 25 … 55 °C
10–6/K
2
Density (typical values)
kg/m3
4800
Relative core losses
(typical values)
PV
25 kHz, 200 mT, 25 °C
kW/m3
75
100 kHz, 200 mT, 25 °C
kW/m3
450
300 kHz, 100 mT, 25 °C
kW/m3
400
500 kHz, 50 mT, 25 °C
kW/m3
—
25 kHz, 200 mT, 100 °C
kW/m3
110
100 kHz, 200 mT, 100 °C
kW/m3
700
300 kHz, 100 mT, 100 °C
kW/m3
630
500 kHz, 50 mT, 100 °C
kW/m3
—
Resistivity
ρΩm6
Core shapes
E, ER, ETD
1) Preliminary data
N51
SIFERRIT materials



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com