Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N51 Datasheet(PDF) 3 Page - EPCOS

Part # N51
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N51 Datasheet(HTML) 3 Page - EPCOS

  N51 Datasheet HTML 1Page - EPCOS N51 Datasheet HTML 2Page - EPCOS N51 Datasheet HTML 3Page - EPCOS N51 Datasheet HTML 4Page - EPCOS N51 Datasheet HTML 5Page - EPCOS N51 Datasheet HTML 6Page - EPCOS N51 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
N51
Preliminary data
SIFERRIT materials
Complex permeability
versus frequency
(measured on R34 toroids, B
≤0.25 mT)
FAL0737-R
10
µ’
f
10 0
10
0
10
10 1
MHz
1
10
2
10
3
10
4
10
55
5
5
5
5
µ’
µ’’
s , µ’’
s
2
_
1
_
N51
s
s
Amplitude permeability
versus AC field flux density
(measured on R34 toroids, B
≤0.25 mT)
FAL0739-8
B
0
µa
1000
2000
3000
4000
6000
0
100
200
300
mT 450
C
˚
100
˚C
25
f < 10 kHz
N51
Initial permeability
μ
i
versus temperature
(measured on R34 toroids, B
≤0.25 mT)
FAL0747-Y
T
0
µi
C
˚
_40
1000
2000
3000
4000
6000
0
40
80
120
160
240
N51



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com