Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N51 Datasheet(PDF) 5 Page - EPCOS

Part # N51
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N51 Datasheet(HTML) 5 Page - EPCOS

  N51 Datasheet HTML 1Page - EPCOS N51 Datasheet HTML 2Page - EPCOS N51 Datasheet HTML 3Page - EPCOS N51 Datasheet HTML 4Page - EPCOS N51 Datasheet HTML 5Page - EPCOS N51 Datasheet HTML 6Page - EPCOS N51 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
N51
Preliminary data
SIFERRIT materials
Relative core losses
versus AC field flux density
(measured on R34 toroids)
FAL0742-S
10
B
10
1
_1
kW
m3
V
P
10 2
10 3
5mT
N51
25 C
˚
100
˚C
0
10
5
5
10 1
2
10
5
10 3
f = 100 kHz
f = 25 kHz
Relative core losses
versus temperature
(measured on R34 toroids)
FAL0744-9
3
kW
PV m
T
20
˚C
10
_1
5
10 0
10 1
2
10
3
10
10 4
5
5
5
N51
100 mT
50 mT
25 mT
f = 100 kHz
40
60
80
100
120
200 mT
Relative core losses
versus frequency
(measured on R34 toroids)
FAL0745-H
10
f
10
1
0
10
1
10
2
10
3
10
4
10
5
_1
5
5
5
kW
m3
V
P
10 2
10 3
5
kHz
N51
25 C
˚
100
˚C
25 mT
50 mT
100 mT
200 mT
300 mT
Relative core losses
versus temperature
(measured on R34 toroids)
FAL0743-1
3
kW
PV m
T
20
˚C
40
60
80
100
140
10
_1
5
10 0
10 1
2
10
3
10
10 4
5
5
5
N51
300 mT
200 mT
100 mT
50 mT
25 mT
f = 25 kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com