Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81663A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 81663A
Description  DFB Laser Fabry-Perot Lasers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

81663A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  81663A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Specifications
DFB source module specifications
Specifications apply to maximum power setting.
Agilent
81663A
Option 131
Agilent
81663A
Option 149
Agilent
81663A
Option 151
Agilent
81663A
Option 155
Agilent
81663A
Option 162
Center wavelength 12
1310 nm
± 5 nm
1490 nm
± 3 nm
1510 nm
± 3 nm
1550 nm
± 3 nm
1625 nm
± 3 nm
Agilent 81663A
Options 131, 149, 151, 155, and 162
Type
CW DFB laser with built-in isolator
Tuning range
Typical > ± 500 pm
Display resolution
10 pm
Repeatability 4
± 5 pm (typical ± 2 pm)
Stability (15 minutes) 3, 4
± 5 pm (typical ± 2 pm)
Stability (24 hours) 3, 4
typical ± 5 pm
Fiber type
Panda PMF 9 / 125 µm
Output connector 6
Compatible to angled contact APC, ASC,
DIN47256/4108
Power
Maximum output 5
Typical > +13 dBm (20 mW)
CW stability (15 minutes) 4
Typical ±0.003 dB
CW stability (24 hours) 3, 4
Typical ±0.01 dB
Side mode suppression ratio
(SMSR) 5
Typical 45 dB
Polarization extinction ratio (PER)
Typical > 20 dB
Dimensions
(H x W x D)
75 mm H x 32 mm W x 335 mm D (2.8” x
1.3” x 13.2”)
Weight
0.5 kg
Recalibration period
2 years
Operating temperature
15 ºC to 35 ºC
Warm-up time 3
60 minutes
Table 3. Technical specifications for DFB source modules
1. Center wavelength is shown on display as default.
2. Via GPIB tuning resolution < 10 pm.
3. If previously stored at the same temperature 20 minutes.
4. Controlled environment (∆T = ± 1 °C).
5. At maximum power setting and default wavelength at the end of a 2 m SM patchcord.
6. Connector interface not included.
Supplementary
Performance
Characteristics
• Internal digital modulation mode:
Free selection 200 Hz to 100 kHz.
All output signals are pulse shaped
duty cycle 50%.
• Internal coherence control for
linewidth broadening.
• ON-switching with fast output
power stabilization < 20 s.
• Output power “attenuation” at
default wavelength 6 dB in steps of
0.1 dB.
Tuning speed over full range 30 s.
• Polarization maintaining fiber orien-
tation: TE mode in slow axis, in line
with connector key.
Laser safety information
The 81663A DFB Laser Sources listed
above are classified as Class 1M
according to IEC 60825 1 (2001).
All laser sources comply with 21 CFR
1040.10 except for deviations pursu-
ant to Laser Notice No. 50, dated
2001-July-26.
INVISIBLE LASER RADIATION
DO NOT VIEW DIRECTLY WITH
OPTICAL INSTRUMENTS
CLASS 1M LASER PRODUCT
(IEC 60825-1 / 2001)
Figure 3. Classification label for 1M lasers



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com