Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81663A Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 81663A
Description  DFB Laser Fabry-Perot Lasers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

81663A Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  81663A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Agilent
81663A DFB Laser
8165xA Fabry-Perot Lasers
Data Sheet
Introduction
The Agilent 81663A high power
DFB Laser Source modules are
best suited for optical amplifier
test and DWDM system test
applications.
The Agilent Fabry-Perot Laser
Sources are available as single
or dual wavelength sources, are
insensitive to back reflections,
and are stabilized for short and
long term applications.
The DFB and FP Laser Source
modules are part of the flex-
ible Agilent Lightwave Solution
platform and have a future-
proof design that allows for
easy firmware upgrades.


Similar Part No. - 81663A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
8166 MICRONETICS-8166 Datasheet
56Kb / 2P
CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
Belden Inc.
8166 BELDEN-8166 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
logo
Keystone Electronics Co...
8166 KEYSTONE-8166 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Belden Inc.
8166.00152 BELDEN-8166.00152 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8166.0030 BELDEN-8166.0030 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
More results

Similar Description - 81663A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60404 ZARLINK-ZL60404 Datasheet
315Kb / 9P
1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
2Mb / 10P
3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
Broadband (Fabry-Perot) Wavelength Locker
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com