Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81663A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 81663A
Description  DFB Laser Fabry-Perot Lasers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

81663A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  81663A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 81663A Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Supplementary
Performance
Specifications
Internal digital
modulation mode
270 Hz, 330 Hz, 1 kHz, 2 kHz
and free selection 200 Hz to 10 kHz.
All output signals are pulse shaped,
duty cycle 50%.
Internal coherence control for line-
width broadening.
Output attenuation
The output power of all source mod-
ules can be attenuated from 0 dB to
6 dB in steps of 0.1 dB.
Laser safety information
All laser sources listed above are
classified as Class 1 according to
IEC 60825 1 (2001). All laser sources
comply with 21 CFR 1040.10 except
for deviations pursuant to Laser
Notice No. 50, dated 2001-July-26.
Technical Specifications
Fabry-Perot source module specifications
(standard modules, 0 dBm)
Specifications apply to the end of a 2-m long fiber cable (as specified under fiber
type) with Diamond® HMS-10/Agilent connectors attached. All specifications
are valid for an attenuation setting of 0.0 dB. All modules require straight output
connectors.
Agilent
81650A
Agilent
81651A
Agilent
81654A
Type
Fabry-Perot Laser
Center wavelength1
1310 nm
±15 nm
1550 nm
±15 nm
1310/1550 nm
± 15 nm
Fiber type
Single-mode 9/125 µm
Spectral bandwidth
(rms) 1, 2
< 3.5 nm
< 4.5 nm
< 3.5nm/ 4.5 nm
Output power
> 0 dBm (1 mW)
CW power stabil-
ity 3, 4
Short term
(15 minutes)
< ± 0.005 dB
Typical < ±0.003 dB with coherence control active
Long term (24
hours)
Typical ± 0.03 dB
To back reflection
(RL ≥ 14 dB)
Typical ± 0.003 dB
Dimensions
(H x W x D)
75 mm x 32 mm x 335 mm (2.8” x 1.3” x 13.2”)
Weight
0.5 kg
Recalibration period
2 years
Operating tempera-
ture
0 ºC to 45 ºC
Humidity
Non-condensing
Warm-up time
60 minutes3
Table 1. Technical specifications for Fabry-Perot source modules (standard
modules, 0 dBm)
1. Center wavelength is shown on display
2. RMS: root mean square
3. Warm-up time 20 min, if previously stored at the same temperature.
4. Controlled environment (∆T = ± 1 °C)
CLASS 1 LASER PRODUCT
(IEC 60825-1 / 2001)
Figure 1. Laser classification label for Class 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com