Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7558 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7558
Description  65 x 102 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7558 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7558 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
ST7558
Ver 2.3
43/56
2005/10/05
SERIAL INTERFACE(4-Line Interface)
tCSH
/CS1
(CS2="1")
A0
SI
SCL
tCCSS
tSAS
tSAH
tSCYC
tSLW
tSHW
tSDH
tSDS
tf
tr
Fig 26.
(VDD=3.3V,Ta=-30~85℃)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial Clock Period
tSCYC
50
—
SCL “H” pulse width
tSHW
25
—
SCL “L” pulse width
SCL
tSLW
25
—
Address setup time
tSAS
20
—
Address hold time
A0
tSAH
10
—
Data setup time
tSDS
20
—
Data hold time
SI
tSDH
10
—
CS-SCL time
tCSS
20
—
CS-SCL time
CSB
tCSH
140
—
ns
(VDD=2.7V,Ta=-30~85℃)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial Clock Period
tSCYC
100
—
SCL “H” pulse width
tSHW
50
—
SCL “L” pulse width
SCL
tSLW
50
—
Address setup time
tSAS
30
—
Address hold time
A0
tSAH
20
—
Data setup time
tSDS
30
—
Data hold time
SI
tSDH
20
—
CS-SCL time
tCSS
30
—
CS-SCL time
CSB
tCSH
160
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com