Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7558 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7558
Description  65 x 102 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7558 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7558 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ST7558
Ver 2.3
21/56
2005/10/05
Page Address Circuit
This circuit is for providing a Page Address to Display Data RAM shown in figure 10. It incorporates 4-bit Page
Address register changed by only the “Set Page” instruction. Page Address 9 is a special RAM area for the icons and
display data D0 is only valid.
Column Address Circuit
Column Address Circuit has an 8-bit preset counter that provides Column Address to the Display Data RAM as shown in
figure10. The display data RAM column address is specified by the Column Address Set command. The specified column
address is incremented (+1) with each display data read/write command. This allows the MPU display data to be accessed
continuously.
Register MX and MY selection instruction makes it possible to invert the relationship between the Column Address and the
segment outputs. It is necessary to rewrite the display data on built-in RAM after issuing MX select instruction.
SEG Output
SEG Output
MX
SEG0
SEG101
“0”
seg0
Segment Address
seg101
“1”
seg101
Segment Address
seg0
Com Output
COM Output
MY
Com0
Com64
“0”
com0
Common Address
com64
“1”
com64
Common Address
com0
ADDRESSING
Data is downloaded in bytes into the RAM matrix of ST7558 as indicated in Figs.10, 11,12. The display RAM has a matrix
of 65 by 102 bits. The address pointer addresses the columns. The address ranges are: X 0 to 101 (1100101), Y 0 to 8
(1000). Addresses outside these ranges are not allowed.
In vertical addressing mode (V=1) the Y address increments after each byte (see Fig.11). After the last Y address (Y = 8) Y
wraps around to 0 and X increments to address the next column.
In horizontal addressing mode (V=0) the X address increments after each byte (see Fig.12). After the last X address
(X = 101) X wraps around to 0 and Y increments to address the next row.
After the very last address (X = 101, Y = 8) the address pointers wrap around to address (X = 0, Y =0)
Data structure
LSB
MSB
0
101
X-address
1 bit
D0
D7
0
1
2
3
4
5
6
7
8
D0
Page 8
D7
9
1 bit
D0
Page 9
D7
1 bit
ICOM
Fig.10 RAM format, addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com