Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565P Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
ST7565P
Ver 2.1b
49/71
2009/09/14
Sleep Mode
This stops all operations in the LCD display system, and as long as there are no accesses from the MPU, the consumption
current is reduced to a value near the static current. The internal modes during sleep mode are as follows:
1. The oscillator circuit and the LCD power supply circuit are halted.
2. All liquid crystal drive circuits are halted, and the segment in common drive outputs output a VSS level.
3. The static drive system does not operate.
The Booster Ratio (Double Byte Command)
This command makes it possible to select step-up ratio. It is used when the power control set have turn on the internal booster
circuit. This command is a two byte command used as a pair with the booster ratio select mode set command and the booster
ratio register set command, and both commands must be issued one after the other.
Booster Ratio Select Mode Set
When this command is input, the Booster ratio register set command becomes enabled. Once the booster ratio select mode
has been set, no other command except for the booster ratio register command can be used. Once the booster ratio register
set command has been used to set data into the register, then the booster ratio select mode is released.
E
R/W
A0
/RD /WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
1
1
1
1
0
0
0
Booset Ratio Register Set
By using this command to set two bits of data to the booster ratio register, it can be select what kind of the booster ratio can be
used. When this command is input, the booster ratio select mode is released after the booster ratio register has been set.
E
R/W
A0
/RD /WR
D7 D6 D5 D4 D3 D2 D1 D0
Booster
ratio
select
0
1
0
*
*
*
*
*
*
0
0
*
*
*
*
*
*
0
1
*
*
*
*
*
*
1
1
2x,3x,4x
5x
6x
* Inactive bit (set “0”)
When the booster ratio select function is not used, set this to (0, 0) 2x,3x,4x step-up mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com