Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565P Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7565P Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
ST7565P
Ver 2.1b
2/71
2009/09/14
S
ST
T7
75
56
65
5P
P P
Pa
ad
d A
Arrrra
an
ng
ge
em
me
en
ntt((C
CO
OG
G))
PAD No
Bump Size
Chip Size
001~012, 103~114, 129~276
40
µm x 90µm
9,336
µm x 1,000µm
013~102
56
µm x 60µm
Bump Pitch
115, 290
90
µm x 25.5µm
58
µm (Min.)
116~128, 277~289
90
µm x 40µm
Bump Height
17
µm (Typ)
Chip Thickness
635
µm
Use select pin to define display duty as following table:
SEL 3 , 2 , 1
DUTY
BIAS
0 , 0 , 0
1/65
1/9 or 1/7
0 , 0 , 1
1/49
1/8 or 1/6
0 , 1 , 0
1/33
1/6 or 1/5
0 , 1 , 1
1/55
1/8 or 1/6
1 , 0 , 0
1/53
1/8 or 1/6
1, X , X
-----
-----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com