Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565P Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7565P Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
ST
Sitronix
ST7565P
65 x 132 Dot Matrix LCD Controller/Driver
Ver 2.1b
1/71
2009/09/14
F
FE
EA
AT
TU
UR
RE
ES
S
Directly display RAM data through Display Data RAM
RAM capacity : 65 x 132 = 8580 bits
Display duty selectable by select pin
1/65 duty : 65 common x 132 segment
1/49 duty : 49 common x 132 segment
1/33 duty : 33 common x 132 segment
1/55 duty : 55 common x 132 segment
1/53 duty : 53 common x 132 segment
High-speed 8-bit MPU interface:
ST7565P can be connected directly to both the 80x86
series MPUs and the 6800 series MPUs.
Serial interface (SPI-4) is also supported.
Abundant command functions:
Display data read/write, display ON/OFF, Normal/
Reverse display mode, page address set, display start
line set, column address set, status read, display all
points ON, LCD bias set, electronic volume,
read-modify-write, set segment driver direction, power
save mode, set common output direction, set V0
regulator internal resistor ratio.
Built-in low power consumption power circuits:
Booster, Regulator and Follower.
Booster circuit supports 2X/3X/4X/5X/6X boost level.
External reference voltage (VDD2) for booster circuits.
High-accuracy Regulator with contrast control (EV)
and built-in V0 voltage regulator resistors.
(Thermal gradient = –0.05%/°C)
Built-in Follower for LCD bias voltages.
Embedded R-C oscillation circuit.
Support external clock input.
Extremely low power consumption:
60uA (operating, bare chip with internal power)
( VDD–VSS = VDD2–VSS = 3V, Booster x4, V0 = 11V ).
Condition: display pattern is “OFF”; use normal mode.
Wide application voltage range:
Logic power: VDD – VSS = 1.8V to 3.3V (typical)
Analog power: VDD2 – VSS = 2.4V to 3.3V (typical)
Maximum Booster limitation: VOUT = 13.5V
LCD Vop: V0 – VSS = 3.0V to 12.0V
Wide operation temperature range: –30 to 85°C
CMOS process.
Package type: Bare chip (COG) and TCP.
ST7565P is not designed for resistance to light or
resistance to radiation.
G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
ST7565P is a single-chip dot-matrix LCD driver that can be
connected directly to a microprocessor bus. 8-bit parallel or
serial display data sent from the microprocessor is stored in
the internal Display Data RAM and this chip generates LCD
driving signals independent of the microprocessor. Each
data bits (65x132) of the internal Display Data RAM is 1-to-1
correspondence with each pixels (65x132) on the LCD
panel, therefore, ST7565P enables displays with a high
degree of freedom.
Moreover, the display area can be extended horizontally by
using Master/Slave feature.
With the abundant embedded circuits (2~6 times booster
circuit, V0 regulator with contrast control for LCD voltage
adjustment, voltage follower with bias selection and R-C
oscillation circuit), ST7565P can be used to create a display
system with the lowest power consumption and the fewest
external components for high-performance portable devices.
PART NO.
VRS temperature gradient
VRS range
ST7565P
-0.05%/°C
2.1V ± 0.03V
ST7565P
6800 , 8080 , 4-Line interface
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


Similar Part No. - ST7565P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565 ETC1-ST7565 Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565-0A ETC1-ST7565-0A Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565-0B ETC1-ST7565-0B Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7565P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
132 x 39 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com