Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7571 Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
ST7571
Ver 1.5a
59/76
2009/7/21
13. TIMING CHARACTERISTICS
System Bus Write Characteristics
8080 Series MPU
Fig. 31
(VDD1 = 1.8V~3.3V, Ta =-30~85
°C )
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH8
0
—
Address setup time
A0
tAW8
0
—
System cycle time
tCYC8
500
—
Write L pulse width
tCCLW
250
—
Write H pulse width
/WR
tCCHW
250
—
WRITE Data setup time
tDS8
80
—
WRITE Data hold time
DB[7:0]
tDH8
30
—
ns
l
The input signal rise time and fall time (tr, tf) is specified at 15 ns or less. When the system cycle time is extremely fast,
(tr + tf)
≤ (tCYC8 – tCCLW – tCCHW) is specified.
l
All timing is specified using 20% and 80% of VDD1 as the reference.
l
tCCLW is specified as the overlap between CSB being
“L” and /WR being at the “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com