Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7571 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
ST7571
Ver 1.5a
17/76
2009/7/21
4-Line SPI Mode (PS0 =
“L”, PS1 = “H”, PS2 = “L”)
When IC is active (CSB=
“L”), serial data (SID) and serial clock (SCLK) inputs are enabled. When ST7571 is not active
(CSB=
“H”), the internal 8-bit shift register and 3-bit counter are reset. The display data/command indication is controlled by
the register selection pin (A0). The signals transferred on data bus will be display data when A0 is high and will be
instruction when A0 is low. The read feature is not supported. Serial data on SID is latched at the rising edge of serial clock
on SCLK. After the 8
th serial clock, the serial data will be processed as 8-bit parallel data. The DDRAM column address
pointer will be increased by one automatically after each byte of DDRAM access.
Fig. 3
4-line SPI Timing
3-Line SPI Mode (PS0 =
“L”, PS1 = “L”, PS2= “L”)
In 3-Line mode, default message from MCU is command. The Display Data Length command (2 bytes command) must be
set before writing display data into Display Data RAM, after the display data is sent over, the next message is turned to be
command. Signals on SID are latched at the rising edge of SCLK. After receiving 8-bit display data, the column address
pointer of DDRAM will be increased by one automatically.
(1)
Set Page and Column Address.
Command
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Set Page Address
1
0
1
1
P3
P2
P1
P0
Set Column Address MSB
0
0
0
1
0
X7
X6
X5
Set Column Address LSB
0
0
0
0
X4
X3
X2
X1
(2)
Set Display Data Length (DDL) command and No. of Data Bytes.
Command
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Set Display Data Length (DDL)
1
1
1
0
1
0
0
0
Set No. of Data Bytes
Display Data Length (bytes)
(3)
This figure is an example for 104 Data bytes to be transferred.
Fig. 4
3-Line SPI Timing (A0 is not used)
“Set Display Data Length” is used in 3-Line SPI mode only. It is 2-byte instruction: the first one informs the LCD driver and
the second one sets the counter of input data (in bytes). After these two commands, the following messages will be data, till
the data counter is cleared. If data is stopped during transmitting, it is not a valid data. A new data (8 bits) must write again.
NOTE: If CSB is
“H” before the end of a transmission, it stops this transfer and the next access should be re-initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com