Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7575 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7575
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7575 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7575 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
ST7575
Ver 1.3
30/51
2007/09/12
Set V0
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
VOP6
VOP5
VOP4
VOP3
VOP2
VOP1
VOP0
The operation voltage V0 can be set by software.
V0=( a + VOPx X b )
(1)
The parameters are explained in table 4. The maximum voltage that can be generated is depending on the VDD2 voltage
and the display load current. For the V0 programmable range, V0 starts from a (6.78V, VOP[6:0]=0x01) with each step equal
to b (0.03V). Note that the internal booster is turned off if VOP[6:0]=0x00. Please don’t operate this IC with this setting
(VOP[6:0]=0).
* The Vop must be operated in the range of 8V to 9.5V for the normal or partial display mode application, so that
customer have some range(<8V; >9.5V) to adjust contrast by themselves.
Table 4 Typical values for parameter for the HV-Generator programming
SYMBOL
VALUE
UNIT
a
6.75
V
b
0.03
V
VOP[6:0] (programmed) {00 hex… 7F hex}
Fig 14. Setting V0 Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com