Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7575 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7575
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7575 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7575 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
ST7575
Ver 1.3
43/51
2007/09/12
SERIAL INTERFACE (3-Line Interface)
First bit
Last bit
(VDD = 3.3V , Ta =-30~85
°C)
Item
Signal
Symbol
Condition
Min.
Max.
Unit
Serial clock period
tSCYC
120
—
SCLK “H” pulse width
tSHW
60
—
SCLK “L” pulse width
SCLK
tSLW
60
—
Data setup time
tSDS
20
—
Data hold time
SDA
tSDH
10
—
CSB-SCLK time
tCSS
20
—
CSB-SCLK time
CSB
tCSH
130
—
ns
(VDD = 2.8V , Ta =-30~85
°C)
Item
Signal
Symbol
Condition
Min.
Max.
Unit
Serial clock period
tSCYC
180
—
SCLK “H” pulse width
tSHW
90
—
SCLK “L” pulse width
SCLK
tSLW
90
—
Data setup time
tSDS
30
—
Data hold time
SDA
tSDH
20
—
CSB-SCLK time
tCSS
30
—
CSB-SCLK time
CSB
tCSH
160
—
ns
(VDD = 1.8V , Ta =-30~85
°C)
Item
Signal
Symbol
Condition
Min.
Max.
Unit
Serial clock period
tSCYC
240
—
SCLK “H” pulse width
tSHW
120
—
SCLK “L” pulse width
SCLK
tSLW
120
—
Data setup time
tSDS
60
—
Data hold time
SDA
tSDH
50
—
CSB-SCLK time
tCSS
40
—
CSB-SCLK time
CSB
tCSH
190
—
ns
*1 The input signal rise and fall time (tr, tf) are specified at 15 ns or less.
*2 All timing is specified using 20% and 80% of VDD1 as the standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com