Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7576 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
ST7576
Ver 1.0
17/54
2007/01/29
Configuration Pins
CP
I
Set Booster stages. (“L”=4X; “H”=5X)
CP pin set the default value of booster stages after reset , and booster
stage can be changed by software instruction
1
BR
I
Set LCD bias ratio. (“L”=1/7; “H”=1/9)
BR pin set the default value of bias ratio after reset , and bias ratio can
be changed by software instruction
1
TMX
I
Mirror X: SEG bi-direction selection
TMX connect to VSS : normal direction (SEG0àSEG101)
TMX connect to VDD : reverse direction (SEG101àSEG0)
1
TMY
I
Mirror Y: COM bi-direction selection
TMY connect to VSS (TMY=0): normal direction
TMY connect to VDD (TMY=1): reverse direction
See Pad Center Coordinates at page 3~10.
1
Test Pin
T0~T8
T
Do NOT use. Reserved for testing.
Must be floating
9
T11
T
Do NOT use. Reserved for testing.
Must be pull high
1
T12
T
Do NOT use. Reserved for testing.
Must be pull low
1
ST7576 I/O PIN ITO Resister Limitation
PIN Name
ITO Resister
PS[2:0], OSC, CP, BR, T11, T12
No Limitation
T0~T8, VRS, VDX2, TMX, TMY
Floating
VDD1, VDD2, VSS
<100Ω
V0(V0I, V0O, V0S), VG(VGI, VGO, VGS), XV0(XV0I, XV0O, XV0S), VM
<500Ω
A0, /WR, /RD, CSB, D7…D0
<1KΩ
RESB
RESB<10KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com