Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7576 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
ST7576
Ver 1.0
21/54
2007/01/29
I
2C Interface protocol
The ST7576 supports command, data write addressed slaves on the bus.
Before any data is transmitted on the I
2C Interface, the device, which should respond, is addressed first. Four 7-bit slave
addresses (0111100,0111101, 0111110 and 0111111) are reserved for the ST7576. The least significant bit of the slave
address is set by connecting the input SA0 and SA1 to either logic 0 or logic 1 (VDD1).
The I
2C Interface protocol is illustrated in Fig.10.
The sequence is initiated with a START condition (S) from the I
2C Interface master, which is followed by the slave address.
All slaves with the corresponding address acknowledge in parallel, all the others will ignore the I
2C Interface transfer. After
acknowledgement, one or more command words follow which define the status of the addressed slaves.
A command word consists of a control byte, which defines Co and A0, and a data byte.
The last control byte is tagged with a cleared most significant bit (i.e. the continuation bit Co). After a control byte with a
cleared Co bit, only data bytes will follow. The state of the A0 bit defines whether the data byte is interpreted as a command
or as RAM data. All addressed slaves on the bus also acknowledge the control and data bytes. After the last control byte,
depending on the A0 bit setting; either a series of display data bytes or command data bytes may follow. If the A0 bit is set
to logic 1, these display bytes are stored in the display RAM at the address specified by the data pointer. The data pointer
is automatically updated and the data is directed to the intended ST7576 device. If the A0 bit of the last control byte is set to
logic 0, these command bytes will be decoded and the setting of the device will be changed according to the received
commands. Only the addressed slave makes the acknowledgement after each byte. At the end of the transmission the bus
master issues a STOP condition (P). If no acknowledge is generated by the master after a byte, the driver stops
transferring data to the master.
Fig 8 System configuration
Fig 9 Acknowledgement on the I
2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com